PART |
Description |
Maker |
X76F102S8IG-2.0 X76F102PIG-2.0 X76F102M8IG-2.0 X76 |
Secure SerialFlash
|
IC MICROSYSTEMS
|
X76F200 |
Secure SerialFlash(密码访问加密串行EEPROM) From old datasheet system
|
Xicor Inc.
|
AT945 AT94S40AL-25DGI AT94S05 AT94S05AL AT94S05AL- |
Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM The Secure FPSLIC combines our AT94K05AL FPSLIC device and a secure configuration EEPROM in a single 256-pin CABGA package. Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller/ up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM The Secure FPSLIC combines our AT94K10AL FPSLIC device and a secure configuration EEPROM in a single (256 BGA and 144LQ) package. The Secure FPSLIC combines our AT94K40AL FPSLIC device and a secure configuration EEPROM in a single (256 BGA and 144 LQ) package.
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
X24F128 X24F128P X24F128P-5 X24F128PE X24F128PE-5 |
2-Wire SerialFlash with Block Lock TM Protection
|
XICOR[Xicor Inc.]
|
AT05SC1604R |
AT05SC1604R Summary [Updated 8/02. 2 Pages] AT05SC1604R摘要[更新8日2页] Secure Microcontroller for Smart Cards Low-power, industry standard 8-bit secure microcontroller with 16K Byte ROM, 4K Byte EEPROM, 1K RAM
|
Bivar, Inc. ATMEL[ATMEL Corporation]
|
X76F640 X76F640A X76F640A-2.7 X76F640AE X76F640AE- |
Secure SerialFlash :SEMIPACK-1; Thread size:M5; Centres, fixing:80mm; Current, Itsm:700A; Depth, DIODE, STANDARD, 80A, 1200V; Voltage, Vrrm:1200V; Current, If av:80A; Case style:SEMIPACK 1; Centres, fixing:80mm; Current, Ifs max:2000A; Current ; Repetitive Reverse Voltage Max, Vrrm:800V; Forward Current Avg Rectified, IF(AV):82A; Forward Voltage Max, VF:1.55V; Package/Case:SEMIPACK 1 Thyristor Diode Module; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No Xfmr Module
|
http:// XICOR[Xicor Inc.]
|
ST33G1M2 |
Secure MCU
|
STMicroelectronics
|
SS100 |
Secure Terminal Server
|
List of Unclassifed Man...
|
DS5003FPM-16 |
Secure Microprocessor Chip
|
Maxim Integrated Products
|
DS5002FPM-16 DS5002FP |
Secure Microprocessor Chip
|
Dallas Semiconductor
|